Part Number Hot Search : 
KP120 KP120 PSMA70A 01VXC 100391 AN0116 1046743 AHCNR51B
Product Description
Full Text Search
 

To Download FDMA520PZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tm april 2009 FDMA520PZ single p-channel powertrench ? mosfet ?2009 fairchild semiconductor corporation FDMA520PZ rev.b2 www.fairchildsemi.com 1 FDMA520PZ single p-channel powertrench ? mosfet  C20v, C7.3a, 30m : features ? max r ds(on) = 30m : at v gs = C4.5v, i d = C7.3a ? max r ds(on) = 53m : at v gs = C2.5v, i d = C5.5a ? low profile - 0.8mm maximum - in the new package microfet 2x2 mm ? free from halogenated compounds and antimony oxides general description this device is designed specifically for battery charge or load switching in cellular handset and other ultraportable applications. it features a mosfet with low on-state resistance. the microfet 2x2 package offers exceptional thermal perfo rmance for its physical size and is well suited to linear mo de applications. mosfet maximum ratings t a = 25c unless otherwise noted thermal characteristics package marking and ordering information symbol parameter ratings units v ds drain to source voltage C20 v v gs gate to source voltage 12 v i d drain current -continuous (note 1a) C7.3 a -pulsed C24 p d power dissipation (note 1a) 2.4 w power dissipation (note 1b) 0.9 t j , t stg operating and storage junction temperature range C55 to +150 c r t ja thermal resistance, junction to ambient (note 1a) 52 c/w r t ja thermal resistance, junction to ambient (note 1b) 145 device marking device package reel size tape width quantity 520 FDMA520PZ microfet 2x2 7 8mm 3000 units 5 1 6 2 3 4 d d s d d g bottom drain contact d d s g d d pin 1 drain source microfet 2x2 (bottom view) ? hbm esd protection level > 3k v typical (note 3) ? rohs compliant
FDMA520PZ single p-channel powertrench ? mosfet FDMA520PZ rev.b2 www.fairchildsemi.com 2 electrical characteristics t j = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain to source breakdown voltage i d = C250 p a, v gs = 0v C20 v ' bv dss ' t j breakdown voltage temperature coefficient i d = C250 p a, referenced to 25c C8.4 mv/ c i dss zero gate voltage drain current v ds = C16v, v gs = 0v C1 p a i gss gate to source leakage current v gs = 12v, v ds = 0v 10 p a on characteristics v gs(th) gate to source threshold voltage v gs = v ds , i d = C250 p a C0.6 C1.1 C1.5 v ' v gs(th) ' t j gate to source threshold voltage temperature coefficient i d = C250 p a, referenced to 25c 3.5 mv/c r ds(on) static drain to source on resistance v gs = C4.5v, i d = C7.3a 26 30 m : v gs = C2.5v, i d = C5.5a 42 53 v gs = C4.5v, i d = C7.3a ,t j = 125c 36 55 g fs forward transconductance v ds = C5v, i d = C7.3a 22 s dynamic characteristics c iss input capacitance v ds = C10v, v gs = 0v, f = 1mhz 1235 1645 pf c oss output capacitance 255 340 pf c rss reverse transfer capacitance 225 340 pf switching characteristics t d(on) turn-on delay time v dd = C10v, i d = C7.3a v gs = C4.5v, r gen = 6 : 10 20 ns t r rise time 29 47 ns t d(off) turn-off delay time 83 133 ns t f fall time 74 119 ns q g total gate charge v dd = C5v, i d = C7.3a v gs = C4.5v 14 20 nc q gs gate to source gate charge 2.9 nc q gd gate to drain miller charge 4.4 nc drain-source diode characteristics i s maximum continuous drain-source diode forward current C2 a v sd source to drain diode forward voltage v gs = 0v, i s = C2a C0.8 C1.2 v t rr reverse recovery time i f =C7.3a, di/dt = 100a/ p s 30 45 ns q rr reverse recovery charge 22 33 nc notes: 1: r t ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the s older mounting surface of the drain pins. 2: pulse test: pulse width < 30 0 p s, duty cycle < 2.0%. 3: the diode connected between the gate and the source serves only as protection against esd. no gate overvoltage rating is implie d. a. 52c/w when mounted on a 1 in 2 pad of 2 oz copper b.145c/w when mounted on a minimum pad of 2 oz copper
FDMA520PZ single p-channel powertrench ? mosfet FDMA520PZ rev.b2 www.fairchildsemi.com 3 typical characteristics t j = 25c unless otherwise noted figure 1. 01234 0 6 12 18 24 v gs = -2.5v v gs = -3v v gs = -4.5v v gs = -3.5v v gs = -4v pulse duration = 80 p s duty cycle = 0.5%max - i d , drain current (a) -v ds , drain to source voltage (v) on-region characteristics figure 2. 0 6 12 18 24 0.5 1.0 1.5 2.0 2.5 3.0 v gs = -2.5v v gs = -4.5v v gs = -4v v gs = -3.5v v gs = -3v pulse duration = 80 p s duty cycle = 0.5%max normalized drain to source on-resistance -i d , drain current(a) n o r m a l i z e d o n - r e s i s t a n c e vs drain current and gate voltage f i g u r e 3 . n o r m a l i z e d o n - r e s i s t a n c e -50 -25 0 25 50 75 100 125 150 0.6 0.8 1.0 1.2 1.4 1.6 i d = -7.3a v gs = -4.5v normalized drain to source on-resistance t j , junction temperature ( o c ) vs junction temperature figure 4. 2345678 10 20 30 40 50 60 pulse duration = 80 p s duty cycle = 0.5%max t j = 125 o c t j = 25 o c i d = -3.6a r ds(on) , drain to source on-resistance ( m : ) -v gs , gate to source voltage (v) o n - r e s i s t a n c e v s g a t e t o source voltage figure 5. transfer characteristics 01234 0 6 12 18 24 v dd = -5v t j =-55 o c t j = 25 o c t j = 125 o c pulse duration = 80 p s duty cycle = 0.5%max - i d , drain current (a) -v gs , gate to source voltage (v) figure 6. 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.0001 0.001 0.01 0.1 1 10 30 t j = -55 o c t j = 25 o c t j = 125 o c v gs = 0v -i s , reverse drain current (a) -v sd , body diode forward voltage (v) s o u r c e t o d r a i n d i o d e forward voltage vs source current
FDMA520PZ single p-channel powertrench ? mosfet FDMA520PZ rev.b2 www.fairchildsemi.com 4 figure 7. 0 7 14 21 28 35 0 2 4 6 8 10 i d = -7.3a v dd = -15v v dd = -5v -v gs , gate to source voltage(v) - q g , gate charge(nc) v dd = -10v gate charge characteristics figure 8. 0.1 1 10 100 1000 30 20 f = 1mhz v gs = 0v c rss c oss c iss capacitance (pf) -v ds , drain to source voltage (v) 3000 c a p a c i t a n c e v s d r a i n to source voltage figure 9. 03691215 1e-9 1e-8 1e-7 1e-6 1e-5 1e-4 t j = 25 o c t j = 125 o c v gs = 0v -i g , gate leakage current(a) -v gs , gate to source voltage(v) gate leakage current vs gate to source voltage f i g u r e 1 0 . f o r w a r d b i a s s a f e 0.1 1 10 0.01 0.1 1 10 60 60 100us 10s r ds(on) limit 1ms 10ms 100ms 1s dc i d , drain current (a) v ds , drain to source voltage (v) v gs =4.5v single pulse r t ja = 145 o c/w t a = 25 o c operating area figure 11. 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 0 30 60 90 120 150 single pulse r t ja = 145 o c/w t a =25 o c p ( pk ) , peak transient power (w) t, pulse width (s) s i n g l e p u l s e m a x i m u m power dissipation figure 12. transient thermal response curve 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 0.01 0.1 1 duty cycle-descending order normalized thermal impedance, z t ja t, rectangular pulse duration (s) d = 0.5 0.2 0.1 0.05 0.02 0.01 single pulse 2 0.005 p dm t 1 t 2 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z t ja x r t ja + t a typical characteristics t j = 25c unless otherwise noted
FDMA520PZ single p-channel powertrench ? mosfet FDMA520PZ rev.b2 www.fairchildsemi.com 5 dimensional outline and pad layout
FDMA520PZ rev. b2 www.fairchildsemi.com 6 FDMA520PZ single p-channel powertrench ? mosfet trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its glo bal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchilds worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchilds products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms auto-spm? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? ecospark ? efficentmax? ezswitch? * ?* fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? megabuck? microcoupler? microfet? micropak? millerdrive? motionmax? motion-spm? optologic ? optoplanar ? ? pdp spm? power-spm? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? ? saving our world, 1mw /w /kw at a time? smartmax? smart start? spm ? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 supremos? syncfet? sync-lock? ?* the power franchise ? ? tinyboost? tinybuck? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? trifault detect? truecurrent?* p serdes? uhc ? ultra frfet? unifet? vcx? visualmax? xs? t m ? tm t m datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporations anti-counterfeiting policy. fairchilds anti-counterfeiting policy is also stated on our ext ernal website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in the industry. all manufactures of semiconductor products are exper iencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substanda rd performance, failed application, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselves an d our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fairch ild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchilds quality standards for handing and storage and provide a ccess to fairchilds full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and will appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unauthor ized sources. fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. rev. i40


▲Up To Search▲   

 
Price & Availability of FDMA520PZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X